Part Number Hot Search : 
HYUNPRN 474J400 M29LV0 NLX1G57 74HC174 113Z3 TB1212 V271CA40
Product Description
Full Text Search
 

To Download SLE66C20S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Security & Chip Card ICs SLE 66C20S
16-bit Security Controller in 0.6 m CMOS Technology 32-Kbyte ROM, 1280 Byte RAM and 2-Kbyte EEPROM
Short Product Information 10.01
SLE 66C20S Short Product Information
Ref.: SPI_SLE 66C 20S_1001
This document contains preliminary information on a new product under development. Details are subject to change without notice. Revision History: Current Version 10.01 Previous Releases: Page Subjects (changes since last revision)
Important: Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Tel : +49 89 234-80000 Fax +49 89 234-81000 E-Mail: security.chipcard.ics@infineon.com
Edition 2001
Published by Infineon Technologies AG, CC Applications Group St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
SLE 66C20S
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 2-Kbyte EEPROM Features * 16-bit microcomputer in 0.6 m CMOS technology * Instruction set opcode compatible with standard SAB 8051 processor * Enhanced 16-bit arithmetic * Additional powerful instructions optimized for chip card applications * Dedicated, non-standard architecture with execution time six times faster than standard SAB 8051 processor * 31.5-Kbytes User ROM for application programs * 512-bytes reserved ROM for Resource Management System (RMS) with intelligent write/erase routines * 2-Kbytes EEPROM as program/data memory * 1280 bytes RAM * True random number generator (RNG) * Interrupt module for I/O interface * CRC Module * 16-bit timer with 8-bit prescaler * Power saving sleep mode * Clock freq. = int. freq.: 1 to 7.5 MHz * Contact configuration and serial interface in accordance with ISO 7816 * Supply voltage range: 2.7 V to 5.5 V * Current consumption < 10 mA at 5 MHz and 5.5 V * Temperature range: -25 to +70C * ESD protection larger than 4 kV Testmode * Irreversible Lock - Out of testmode EEPROM * Reading, erasing and writing byte by byte * Flexible page mode for 1 to 16 bytes write/erase operation * 32 bytes security area * Write time 3.62 ms, erase time 1.81 ms * Programming time adaptable to clock frequency * Minimum of 500,000 write/erase cycles * Data retention for a minimum of ten years * EEPROM programming voltage generated on chip Security Features Operation state monitoring mechanism * Low and high voltage sensors * Frequency sensors and filters Memory Security * 16 bytes security PROM, hardware protected * Unique chip identification number for each chip * MED - memory encryption/decryption device for XRAM, ROM and EEPROM * True Random Number Generator with Firmware test function * Security optimised layout and layout scrambling * user settable additional encryption key for EEPROM * Move code blocking (from EEPROM) Support * HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) * Application notes (e.g.: T=0, T=1, DES, RNG, etc.)
Short Product Information
3/7
10.01
SLE 66C20S
Anti Snooping * HW-countermeasures against SPA/DPA-, Timing- and DFA-attacks (differential fault analysis - DFA) * CRC - Module * Non standard dedicated Smart Card CPU - Core Development Tools Overview
Supported Standards * ISO/IEC 7816 * EMV 2000 * GSM 11.1x * ETS I TS 102 221 Document References
* Short Product Information Software * * * *
Development Kit SDK CC Short Product Information Card Emulator SCE66 Short Product Information ROM Monitor SRM66 Short Product Information Emulator SET66 Hitex or SET66 KSC Short Product Information Smart Mask Package
* Confidential Data Book SLE 66CxxS * Confidential Instruction SLE 66CxxS * Confidential Quick Reference * * * *
SLE 66CxxS Qualification report Chip delivery specification for wafer with chip-layout (die size, orientation,...) Module specification containing description of package, etc. Qualification report module
Short Product Information
4/7
10.01
SLE 66C20S
Ordering Information Type SLE 66C20S SLE 66C20S SLE 66C20S-T85 SLE 66C20S-T85 SLE 66C20S-V5 SLE 66C20S-V5 SLE 66C20S-V5-T85 SLE 66C20S-V5-T85 SLE 66C20S-V5-F7 SLE 66C20S-V5-F7 Package 1 Voltage Range M4 C M4 C M4 C M4 C M4 C 4.5 V - 5.5 V - 25C to + 70C 1 MHz - 7.5 MHz 4.5 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz 4.5 V - 5.5 V - 25C to + 70C 1 MHz - 5 MHz 2.7 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz @ 5V 1 MHz - 4 MHz @ 3V 2.7 V - 5.5 V Temperature Range - 25C to + 70C Frequency Range 1 MHz - 5 MHz @ 5V 1 MHz - 4 MHz @ 3V
1
available as wire-bonded module (M4) for embedding in plastic cards or as die (C) for customer packaging
Short Product Information
5/7
10.01
SLE 66C20S
Pin Description
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions Card Contact C1 C2 C3 C5 C4; C6; C8 C7 Symbol VCC RST CLK N.C. N.C. I/O Function Operating voltage Reset input Processor clock input Ground Not connected Bi-directional-data-port
Short Product Information
6/7
10.01
SLE 66C20S
General Description SLE 66C20S is a member of the Infineon Technologies high-end security controller family in 0.6 m CMOS technology. The CPU provides the high efficiency of the SAB 8051instruction set extended by additional powerful instructions together with enhanced performance, memory sizes and security features. The controller IC offers 31.5 Kbytes of User-ROM, 256 bytes internal RAM, 1 Kbyte XRAM and 2 Kbytes EEPROM. It suits the requirements of the new generation of operating systems.
Voltage Clock Reset
ROM 32 Kbyte
XRAM 1 Kbyte
EEPROM 2 Kbyte
16-Bit CPU & ECO 2000 Instruction Set
Address-/Data Bus
Sleep Mode Logic Sensors/Filters Voltage Regulator
Interrupt
16-bit Timer
CRC
Random Number Generator
Figure 2: Block Diagram SLE 66C20S
The random number generator (RNG) is able to supply the CPU with true random numbers on all conditions. The CRC module allows the easy generation of checksums according to ISO 3309 (16-Bit-CRC). The timer makes it easy to implement advanced communication protocols such as T=1 and all other time critical processes. An additional interrupt capability of the I/O module allows parallel operation of chip card and terminal. To minimize the overall power consumption, the chip card controller IC offers a sleep mode. As an important measure, the chip provides a new and enhanced level of on-chip security features. In conclusion, the SLE 66C20S fulfills the requirements of all chip card applications, as especially Loyalty, Leisure Cards, Health Care, payment, Access Control and prepaid SIM Cards for GSM Phones. The SLE 66C20S is a powerful chip card controller IC integrating outstanding memory sizes, additional peripherals in combination with enhanced performance and optimized power consumption on a minimized die size. Therefore, the SLE 66C20S offers the basis for new chip card applications.
Short Product Information
7/7
10.01


▲Up To Search▲   

 
Price & Availability of SLE66C20S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X